|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Optoway FEATURES l l l l l l l l l l SPS-7111G 1 *********************************************************************************************************************************************************************** SPS-7111G (RoHS Compliant) 3.3V / 1310 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER ********************************************************************************************************************************************************************** DESCRIPTION Hot-Pluggable SFP Footprint LC Optical Transceiver Small Form-Factor Pluggable (SFP) MSA compatible Compliant with IEEE 802.3z 1000BASE-LX Compliant with Fibre Channel 1x SM-LC-L FC-PI AC/AC Coupling according to MSA Distance up to 10 km Single +3.3 V Power Supply RoHS Compliant 0 to 70oC Operation Class 1 Laser International Safety Standard IEC-60825 Compliant The SPS-7111G series single mode transceivers is small form factor pluggable module for bi-directional serial optical data communications such as Gigabit Ethernet 1000BASE-LX and Fibre Channel 1x SM-LC-L FC-PI. It is with the SFP 20-pin connector to allow hot plug capability. This module is designed for single mode fiber and operates at a nominal wavelength of 1310 nm. The transmitter section uses a multiple quantum well laser and is a class 1 laser compliant according to International Safety Standard IEC-60825. The receiver section uses an integrated InGaAs detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC. APPLICATIONS l l l l Gigabit Ethernet Switches and Routers Fibre Channel Switch Infrastructure XDSL Applications Metro Edge Switching LASER SAFETY This single mode transceiver is a Class 1 laser product. It complies with IEC-60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug. Distance (km) 10 Wavelength Package (nm) 1310 LC SFP Temp. (oC) 0 to 70 TX Power RX Sens. RoHS (dBm) (dBm) Compliant -3 to -9.5 -20 Yes ORDER INFORMATION P/No. SPS-7111G Bit Rate (Gb/s) 1.25 1000 BASE LX / LH Absolute Maximum Ratings Parameter Storage Temperature Operating Case Temperature Power Supply Voltage Symbol Tstg Topr Vcc Min -40 0 -0.5 Max 85 70 3.6 Units o C o C V Notes Recommended Operating Conditions Parameter Power Supply Voltage Operating Case Temperature Power Supply Current Data Rate Symbol Vcc Topr ICC (TX+RX) 100 Min 3.1 0 Typ 3.3 200 1250 Max 3.5 70 300 Units / Notes V o C mA Mb/s *********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2005 V1.0 Optoway Transmitter Specifications (0 oC < Topr < 70 oC, 3.1V < Vcc < 3.5V) Parameter Symbol Min Typ Max Optical Optical Transmit Power Po -9.5 ---3 Output Center Wavelength 1270 1310 1350 Output Spectrum Width ----2.5 Extinction Ratio ER 9 ----Optical Rise Time tr 260 Optical Fall Time tf 260 Relative Intensity Noise RIN -120 Electrical Data Input Current - Low IIL -350 Data Input Current - High IIH 350 Differential Input Voltage VIH - V IL 0.5 2.4 TX Disable Input Voltage - Low TDIS, L 0 0.5 TX Disable Input Voltage - High TDIS, H 2.0 Vcc TX Disable Assert Time T ASSERT 10 TX Disable Deassert Time TDEASSERT 1 TX Fault Output Voltage -- Low TFaultL 0 0.5 TX Fault Output Voltage -- High TFaultH 2.0 Vcc+0.3 1. Output power is power coupled into a 9/125 m single mode fiber. 2. There is an internal 4.7K to 10K ohm pull-up resistor to VccTX. 3. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage). Units dBm nm nm dB ps ps dB/Hz A A V V V s ms V V SPS-7111G Notes 1 RMS () 20 % to 80% Values 20 % to 80% Values 2 *********************************************************************************************************************************************************************** Peak-to-Peak 2 2 3 3 Receiver Specifications (0oC < Topr < 70oC, 3.1V < Vcc < 3.5V) Parameter Symbol Min Typ Max Optical Sensitivity Sens -20 Maximum Input Power Pin -3 Signal Detect -- Asserted Pa ---20 Signal Detect -- Deasserted Pd -31 ----Signal detect -- Hysteresis 1.0 --Wavelength of Operation 1100 --1600 Electrical Differential Output Voltage VOH - VOL 0.6 2.0 Output LOS Voltage -- Low VOL 0 0.5 Output LOS Voltage - High VOH 2.0 Vcc+0.3 4. Measured at 2 7-1 PRBS at BER 1E-12 @ 1300 nm. 5. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage). Units dBm dBm dBm dBm dB nm V V V Notes 4 4 Transition: low to high Transition: high to low 5 5 *********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2005 V1.0 Optoway CONNECTION DIAGRAM SPS-7111G 3 *********************************************************************************************************************************************************************** PIN 1 2 3 4 5 6 7 8 9 10 Signal Name TX GND TX Fault TX Disable MOD-DFE2 MOD-DEF1 MOD-DEF0 N/C LOS RX GND RX GND Description Transmitter Ground Transmitter Fault Indication Transmitter Disable (Module disables on high or open) Modulation Definition 2 - Two wires serial ID Interface Modulation Definition 1 - Two wires serial ID Interface Modulation Definition 0 - Ground in Module Not Connected Loss of Signal Receiver Ground Receiver Ground PIN 11 12 13 14 15 16 17 18 19 20 Signal Name Description RX GND Receiver Ground RX DATA OUT- Inverse Receiver Data Out RX DATA OUT+ Receiver Data Out RX GND Vcc RX Vcc TX TX GND TX DATA IN+ TX DATA INTX GND Receiver Ground Receiver Power - 3.3V5% Transmitter Power - 3.3V5% Transmitter Ground Transmitter Data In Inverse Transmitter Data In Transmitter Ground Module Definition Module Definition 4 MOD-DEF2 PIN 4 SDA MOD-DEF1 PIN 5 SCL MOD-DEF0 PIN 6 LV-TTL Low Interpretation by Host Serial module definition protocol Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, MOD-DEF(1:2) appear as no connector (NC) and MOD-DEF(0) is TTL LOW. When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E 2PROM protocol of the ATMEL AT24C01A/02/04 family of components. *********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2005 V1.0 Optoway RECOMMENDED CIRCUIT SCHEMATIC VeeT Tx_DISABLE Tx_FAULT 3 2 4.7K to 10K TD + 18 Z=50 TD 19 Z=50 VccT 16 10nF 1H Vcc 3.3V 10F 10nF 1H VccR 15 10nF 10F 10F TD TD + (1,17,20) Tx_DISABLE Tx_FAULT SPS-7111G 4 *********************************************************************************************************************************************************************** LD Driver 100 SerDes IC Protocol IC RD - 12 Z=50 100 RD - POST Amp RD + 13 Z=50 4.7K to 10K RD + depending on SERDES LOSS OF SINGAL LOS VeeR MOD_DEF(0) 8 (9,10,11,14) 6 5 4 4.7K to 10K Vcc 3.3V 4.7K to 10K MODULE DETECT SCL SDA 4.7K to 10K EEPROM MOD_DEF(1) MOD_DEF(2) SFP module PACKAGE DIAGRAM Units in mm Note: Specifications subject to change without notice. *********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2005 V1.0 |
Price & Availability of SPS-7111G |